Part Number Hot Search : 
T1122 UES702 HVL43 GBPC25 206VDC MG300 SM6K2 BZX85
Product Description
Full Text Search
 

To Download IRLRU3103PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95085A
IRLR/U3103PbF
Logic-Level Gate Drive l Ultra Low On-Resistance l Surface Mount (IRLR3103) l Straight Lead (IRLU3103) l Advanced Process Technology l Fast Switching l Fully Avalanche Rated l Lead-Free Description
l
HEXFET(R) Power MOSFET
D
VDSS = 30V RDS(on) = 0.019
G S
ID = 55A
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications. The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU series) is for throughhole mounting applications. Power dissipation levels up to 1.5 watts are possible in typical surface mount applications.
D-PAK TO-252AA I-PAK TO-251AA
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
55 39 220 107 0.71 16 240 34 11 5.0 -55 to + 175 300 (1.6mm from case )
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA RJA Junction-to-Case Junction-to-Ambient (PCB mount) ** Junction-to-Ambient
Typ.
--- --- ---
Max.
1.4 50 110
Units
C/W
www.irf.com
1
12/7/04
IRLR/U3103PbF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Min. Typ. Max. Units Conditions 30 --- --- V VGS = 0V, ID = 250A --- 0.037 --- V/C Reference to 25C, I D = 1mA --- --- 0.019 VGS = 10V, ID = 33A --- --- 0.024 VGS = 4.5V, ID = 25A 1.0 --- --- V VDS = VGS, ID = 250A 23 --- --- S VDS = 25V, ID = 34A --- --- 25 VDS = 30V, VGS = 0V A --- --- 250 VDS = 18V, VGS = 0V, TJ = 150C --- --- 100 VGS = 16V nA --- --- -100 VGS = -16V --- --- 50 ID = 34A --- --- 14 nC VDS = 24V --- --- 28 VGS = 4.5V, See Fig. 6 and 13 --- 9.0 --- VDD = 15V --- 210 --- ID = 34A ns --- 20 --- RG = 3.4, VGS = 4.5V --- 54 --- RD = 0.43, See Fig. 10 Between lead, --- 4.5 --- nH 6mm (0.25in.) G from package --- 7.5 --- and center of die contact --- 1600 --- VGS = 0V --- 640 --- pF VDS = 25V --- 320 --- = 1.0MHz, See Fig. 5
D
S
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 55 showing the A G integral reverse --- --- 220 p-n junction diode. S --- --- 1.3 V TJ = 25C, IS = 28A, VGS = 0V --- 81 120 ns TJ = 25C, IF = 34A --- 210 310 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
max. junction temperature. ( See fig. 11 ) VDD = 15V, starting TJ = 25C, L = 300H RG = 25, IAS = 34A. (See Figure 12)
Repetitive rating; pulse width limited by
Pulse width 300s; duty cycle 2% Calculated continuous current based on maximum allowable junction This is applied for I-PAK, LS of D-PAK is measured between lead and
center of die contact temperature; Package limitation current = 20A
ISD 34A, di/dt 140A/s, VDD V(BR)DSS,
TJ 175C
Uses IRL3103 data and test conditions
** When mounted on 1" square PCB (FR-4 or G-10 Material ) . For recommended footprint and soldering techniques refer to application note #AN-994
2
www.irf.com
IRLR/U3103PbF
1000
VGS 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTTOM 2.5V TOP
1000
TOP
ID , Drain-to-Source Current (A)
100
ID , Drain-to-Source Current (A)
VGS 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTTOM 2.5V
100
10
10
2.5V
2.5V
1 0.1
20s PULSE WIDTH T J = 25C
10
1
100
A
1 0.1
20s PULSE WIDTH T J = 175C
1 10
100
A
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
R DS(on) , Drain-to-Source On Resistance (Normalized)
1000
2.0
I D = 56A
I D , Drain-to-Source Current (A)
TJ = 25C
100
1.5
TJ = 175C
1.0
10
0.5
1 2.0 3.0 4.0 5.0
V DS = 15V 20s PULSE WIDTH
6.0 7.0 8.0 9.0
A
0.0 -60 -40 -20 0 20 40 60
VGS = 10V
80 100 120 140 160 180
A
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature (C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRLR/U3103PbF
3200 2800 2400 2000 1600 1200 800 400 0 1 10 100
Ciss
VGS , Gate-to-Source Voltage (V)
V GS = 0V, f = 1MHz C iss = Cgs + C gd , Cds SHORTED C rss = C gd C oss = C ds + C gd
15
I D = 34A V DS = 24V V DS = 15V
12
C, Capacitance (pF)
Coss
9
Crss
6
3
A
0 0 10 20 30
FOR TEST CIRCUIT SEE FIGURE 13
40 50 60 70
A
VDS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY R DS(on)
10s 100 100s
100
TJ = 175C TJ = 25C
I D , Drain Current (A)
1ms 10 10ms
10 0.4 0.8 1.2 1.6 2.0
VGS = 0V
2.4
A
1 1
TC = 25C TJ = 175C Single Pulse
10
2.8
100
A
VSD , Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRLR/U3103PbF
60
LIMITED BY PACKAGE
50
V DS VGS RG
RD
D.U.T.
+
ID , Drain Current (A)
40
-VDD
5.0V
30
Pulse Width 1 s Duty Factor 0.1 %
20
Fig 10a. Switching Time Test Circuit
VDS 90%
10
0
25
50
75
100
125
150
175
TC , Case Temperature ( C)
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1
D = 0.50 0.20 0.10 PDM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1
0.1
0.05 0.02 0.01
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRLR/U3103PbF
EAS , Single Pulse Avalanche Energy (mJ)
600
TOP
500
15V
BOTTOM
ID 14A 24A 34A
VDS
L
DRIVER
400
300
RG
10V
D.U.T
IAS tp
+ V - DD
A
200
0.01
Fig 12a. Unclamped Inductive Test Circuit
100
0
VDD = 15V
25 50 75 100 125 150
175
A
V(BR)DSS tp
Starting TJ , Junction Temperature (C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
5.0 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRLR/U3103PbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
www.irf.com
7
IRLR/U3103PbF
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
D-Pak (TO-252AA) Part Marking Information
EXAMPLE: T HIS IS AN IRFR120 WIT H ASS EMBLY LOT CODE 1234 ASS EMBLED ON WW 16, 1999 IN T HE AS S EMBLY LINE "A" Note: "P" in as sembly line pos ition indicates "Lead-Free" INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRFU120 12 916A 34
DAT E CODE YEAR 9 = 1999 WEEK 16 LINE A
OR
INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRFU120 12 34
DAT E CODE P = DES IGNATES LEAD-FREE PRODUCT (OPT IONAL) YEAR 9 = 1999 WEEK 16 A = AS S EMBLY S IT E CODE
8
www.irf.com
IRLR/U3103PbF
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
EXAMPLE: T HIS IS AN IRFU120 WIT H AS S EMBLY LOT CODE 5678 AS S EMBLED ON WW 19, 1999 IN T HE AS S EMBLY LINE "A" Note: "P" in assembly line position indicates "Lead-Free" INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRF U120 919A 56 78
DAT E CODE YEAR 9 = 1999 WEEK 19 LINE A
OR
INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRFU120 56 78
DAT E CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPTIONAL) YEAR 9 = 1999 WEEK 19 A = AS S EMBLY S IT E CODE
www.irf.com
9
IRLR/U3103PbF
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR TRR TRL
16.3 ( .641 ) 15.7 ( .619 )
16.3 ( .641 ) 15.7 ( .619 )
12.1 ( .476 ) 11.9 ( .469 )
FEED DIRECTION
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
13 INCH
16 mm NOTES : 1. OUTLINE CONFORMS TO EIA-481.
Data and specifications subject to change without notice.
10
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.12/04
www.irf.com
Note: For the most current drawings please refer to the IR website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRLRU3103PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X